|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Crystal Oscillator Model Name NT3225SA n Main Application For mobile phones, etc. Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT3225S Series n Features l Supports low power supply voltage. (Supports DC +2.40.1 V to +3.4 V5%.) l Ultra-compact and light with a height, cubic volume, and weight of 1.0 mm max., 0.007 cm3, and 0.024g, respectively. l With an AFC (Automatic Frequency Control) function. l Low power consumption. l A surface-mount crystal oscillator. (Reflow soldering is possible.) l Lead-free. Meets the requirements for re-flow profiling using lead-free solder. Pb Free n Specifications Model Item Standard nominal frequency (MHz) Power supply voltage Load Consumption current Output level Frequency / temperature characteristic Power supply variation characteristics Load variation characteristics Aging Frequency control characteristics NT3225SA 10 to 26 MHz +3.0V DC 10k//10pF 1.5mA max 0.8V(P-P) min (DC superimposition *1) 2.5x10-6 max -30 to +75C 0.3x10-6 max/+3.0V5% 0.2x10-6 max /(10k//10pF)10% 1.0x10-6 max/year 9.0x10 to 15.0x10-6/+1.5V1V *2 -6 * Frequency setting conditions 1. Frequencies are set at normal temperatures (+252C). 2. Frequencies are set with a printed board that has a ground pattern attached to the underside of an oscillator. * If you require a product with a different frequency, power supply voltage, frequency control characteristic, etc. to the standard specifications, please contact us with your enquiries. *1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (1,000 pF) to the line-out terminal of the oscillator. *2. This is a representative specification. The specifications may change according to the frequency that you request. n Dimensions mm 3.20.2 #4 #3 2.50.2 n List of Ordering Codes Frequency (MHz) 10 PAD No. #1 #2 #3 #4 Ordering Code NT3225SA-10M-NSA3391C NT3225SA-12.8M-NSA3391C NT3225SA-13M-NSA3391C NT3225SA-15.36M-NSA3391C NT3225SA-16.368M-NSA3391C NT3225SA-19.2M-NSA3391A NT3225SA-19.68M-NSA3391A NT3225SA-19.8M-NSA3391A NT3225SA-21.25M-NSA3391A NT3225SA-26M-NSA3391A Connection VCONT GND OUTPUT VCC 12.8 13 15.36 16.368 19.2 19.68 19.8 21.25 26 #1 #2 Reference land pattern 0.90.1 2.65 0.3 0.3 0.25 (0.2x0.2) #1 2.240.2 #2 0.830.1 The above frequencies are NDK' s standard frequencies. Frequencies other than the above are available. Feel free to contact our sales representatives. 1.2 #4 #3 0.40.1 0.70.2 1.2 0.25 co12_071108_NT3225SA_AFC_e1 |
Price & Availability of NT3225SA-192M-NSA3391A |